Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9425 Datasheet (PDF) - STMicroelectronics

STV9425 Datasheet PDF - STMicroelectronics
Part # STV9425
Download  STV9425 Download
File Size   184.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTISYNC ON-SCREEN DISPLAY FOR MONITOR

STV9425 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV9425 Datasheet PDF - STMicroelectronics

Part # STV9425
Download  STV9425 Click to download

File Size   184.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTISYNC ON-SCREEN DISPLAY FOR MONITOR

STV9425 Datasheet (HTML) - STMicroelectronics


STV9425 Product details

DESCRIPTION
TheSTV9425/25B/26is an ONSCREENDISPLAY for monitor. It is built as a slave peripheral connected to a host MCU via a serial I2C bus. It includes a display memory, controls all the display attributes and generates pixels from the data read in its on chip memory. The line PLL and a special slice interpolator allow to have a display aspect which does not depend on the line and frame frequencies. I2C interface allows MCU to make transparent internal access to prepare the next pages during the display of the current page. Toggle from one page to another by programming only one register.

■ CMOS SINGLE CHIP OSD FOR MONITOR
■ BUILT IN 1 KBYTE RAM HOLDING :
    - PAGES’ DESCRIPTORS
    - CHARACTER CODES
    - USER DEFINABLE CHARACTERS
■ 128 ALPHANUMERIC CHARACTERS OR GRAPHIC SYMBOLS IN INTERNAL ROM (12 x 18 DOT MATRIX)
■ UP TO 26 USER DEFINABLE CHARACTERS
■ INTERNAL HORIZONTAL PLL (15 TO 120kHz)
■ PROGRAMMABLE VERTICAL HEIGHT OF CHARACTER WITH A SLICE INTERPOLATOR TO MEET MULTI-SYNCH REQUIREMENTS
■ PROGRAMMABLE VERTICAL AND HORIZONTAL POSITIONING
■ FLEXIBLE SCREEN DESCRIPTION
■ CHARACTER BY CHARACTER COLOR SELECTION (UP TO 8 DIFFERENT COLORS)
■ PROGRAMMABLE BACKGROUND (COLOR, TRANSPARENT OR WITH SHADOWING)
■ 50MHz MAXIMUM PIXEL CLOCK
■ 2-WIRES ASYNCHRONOUS SERIAL MCU INTERFACE (I2C PROTOCOL)
■ 8 x 8 BITS PWM DAC OUTPUTS (STV9425)
    4 x 8 BITS PWM DAC OUTPUTS (STV9425B)
■ SINGLE POSITIVE 5V SUPPLY




Similar Part No. - STV9425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9421 STMICROELECTRONICS-STV9421 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9423 STMICROELECTRONICS-STV9423 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9424 STMICROELECTRONICS-STV9424 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
More results


Similar Description - STV9425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
Super On-Screen-Display for LCD Monitor
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
On-Screen Display for LCD Monitor
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
Monitor On-Screen Display
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
Monitor on-Screen Display
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com