Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W11NB80 Datasheet (PDF) - STMicroelectronics

W11NB80 Datasheet PDF - STMicroelectronics
Part # W11NB80
Download  W11NB80 Download
File Size   87.37 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET

W11NB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
W11NB80 Datasheet PDF - STMicroelectronics

Part # W11NB80
Download  W11NB80 Click to download

File Size   87.37 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET

W11NB80 Datasheet (HTML) - STMicroelectronics


W11NB80 Product details

DESCRIPTION

Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.



■ TYPICAL RDS(on) = 0.65 Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ ± 30V GATE TO SOURCE VOLTAGE RATING

■ 100% AVALANCHE TESTED

■ VERY LOW INTRINSIC CAPACITANCES

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ SWITCH MODE POWER SUPPLIES (SMPS)

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE



 




Similar Part No. - W11NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W11NK100Z STMICROELECTRONICS-W11NK100Z Datasheet
312Kb / 14P
N-channel 1000V - 1.1Ω - 8.3A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
31-Jul-2006
More results


Similar Description - W11NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU10NB80 STMICROELECTRONICS-STU10NB80 Datasheet
44Kb / 5P
N - CHANNEL 800V - 0.65ohm - 10A - Max220 PowerMESHO MOSFET
Apr-1999
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
Oct-2002
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
Dec-1999
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
logo
MagnaChip Semiconductor...
MMF80R650PB MGCHIP-MMF80R650PB Datasheet
1Mb / 10P
800V 0.65ohm N-channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com