Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW12NC60 Datasheet (PDF) - STMicroelectronics

STW12NC60 Datasheet PDF - STMicroelectronics
Part # STW12NC60
Download  STW12NC60 Download
File Size   86.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET

STW12NC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW12NC60 Datasheet PDF - STMicroelectronics

Part # STW12NC60
Download  STW12NC60 Click to download

File Size   86.58 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET

STW12NC60 Datasheet (HTML) - STMicroelectronics


STW12NC60 Product details

DESCRIPTION

The PowerMESH II is the evolution of the first generation of MESH OVERLAY. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the lead ing edge for what concerns swithing speed, gate charge and ruggedness.



■ TYPICAL RDS(on) = 0.48Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ 100% AVALANCHE TESTED

■ NEW HIGH VOLTAGE BENCHMARK

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ SWITCH MODE POWER SUPPLIES (SMPS)

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE



 




Similar Part No. - STW12NC60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW12NC60 ISC-STW12NC60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW12NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STU11NC60 STMICROELECTRONICS-STU11NC60 Datasheet
85Kb / 8P
N-CHANNEL 600V - 0.48ohm - 11A Max220 PowerMeshII MOSFET
Jun-2000
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
logo
Alpha & Omega Semicondu...
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
600V, 12A N-Channel MOSFET
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
600V,12A N-Channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com