Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37210M3 Datasheet (PDF) - Renesas Technology Corp

M37210M3 Datasheet PDF - Renesas Technology Corp
Part # M37210M3
Download  M37210M3 Download
File Size   1000.43 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37210M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37210M3 Datasheet PDF - Renesas Technology Corp

Part # M37210M3
Download  M37210M3 Click to download

File Size   1000.43 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37210M3 Datasheet (HTML) - Renesas Technology Corp


M37210M3 Product details

DESCRIPTION
The M37210M3-XXXSP/FP is a single-chip microcomputer designed with CMOS silicon gate technology. It is housed in a 52-pin shrink plastic molded DIP or a 64-pin plastic molded QFP. This single-chip microcomputer is useful for the channel selection system for TVs because it provides PWM function, OSD display function and so on. In addition to their simple instruction sets, the ROM, RAM, and I/O addresses are placed on the same memory map to enable easy programming.

FEATURES
• Number of basic instructions ..................................................... 69
• Memory size ROM ................ 12 K bytes (M37210M3-XXXSP/FP)
   16 K bytes (M37210M4-XXXSP)
   8 K bytes (M37211M2-XXXSP)
   RAM ................. 256 bytes (M37210M3-XXXSP/FP)
   320 bytes (M37210M4-XXXSP)
   192 bytes (M37211M2-XXXSP)
   ROM for display......................................... 3 K bytes
   RAM for display .......................................... 72 bytes
• The minimum instruction execution time
   ........................................... 0.5µs (at 8MHz oscillation frequency)
• Power source voltage ..................................................... 5V ± 10%
• Power dissipation .............................................................. 110mW
   (at 4MHz oscillation frequency, VCC = 5.5V, at CRT display)
• Subroutine nesting ............................................... 96 levels (Max.)
• Interrupts ....................................................... 12 types, 12 vectors
• 8-bit timers .................................................................................. 4
• Programmable I/O ports
   (Ports P0, P1, P2, P3, P4) ......................................................... 25
• Output ports (ports P5, P6) ..........................................................8
• Output ports (ports P52, P56) ..................................................... 12
• 12 V withstand ports ....................................................................4
• Serial I/O ............................................................ 8-bit ✕ 1 channel
• PWM output circuit ............... (14-bit ✕ 1, 6-bit ✕ 8) ... M37210M3
   M37210M4
   (14-bit ✕ 1, 6-bit ✕ 6) .... M37211M2
• A-D comparator (5-bit resolution) ................................ 5 channels
• CRT display function
   Display characters ..................................... 18 characters ✕ 2 lines
   (16 lines max.)
   Character kinds ................................................................ 96 kinds
   Dot structure ............................................................. 12 ✕ 16 dots
   Character size .................................................................... 3 kinds
   Character color kinds (It can be specified by the character)
   max. 7 kinds (R, G, B)
   Raster color (max. 7 kinds)
   Display layout
   Horizontal ..................................................................... 64 levels
   Vertical ....................................................................... 128 levels
   Bordering (horizontal and vertical)

APPLICATION
   TV




Similar Part No. - M37210M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37210M3-010SP MITSUBISHI-M37210M3-010SP Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37210M3-506SP MITSUBISHI-M37210M3-506SP Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37210M3-509SP MITSUBISHI-M37210M3-509SP Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37210M3-560SP MITSUBISHI-M37210M3-560SP Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
More results


Similar Description - M37210M3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com