Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37212M4 Datasheet (PDF) - Renesas Technology Corp

M37212M4 Datasheet PDF - Renesas Technology Corp
Part # M37212M4
Download  M37212M4 Download
File Size   1743.38 Kbytes
Page   120 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37212M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37212M4 Datasheet PDF - Renesas Technology Corp

Part # M37212M4
Download  M37212M4 Click to download

File Size   1743.38 Kbytes
Page   120 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER

M37212M4 Datasheet (HTML) - Renesas Technology Corp


M37212M4 Product details

DESCRIPTION
The M37212M6-XXXSP/FP, M37212M4/M8-XXXSP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, I2C-BUS interface, and PWM, so it is useful for a channel selection system for TV.
The feature of the M37212EFSP/FP are similar to those of the M37212M6-XXXSP/FP except that these chips have a built-in PROM which can be written electrically. The differences between the M37212M6-XXXSP/FP and M37212M4/M8-XXXSP are the ROM size and the RAM size as shown below. Accordingly, the following descriptions will be for M37212M6-XXXSP/FP unless otherwise noted.

FEATURES
● Number of basic instructions ..................................................... 71
● Memory size
   ROM............... .........
      16K bytes (M37212M4-XXXSP)
      24K bytes (M37212M6-XXXSP/FP)
      32K bytes (M37212M8-XXXSP)
      62K bytes (M37212EFSP/FP)
   RAM .........................
      320 bytes (M37212M4-XXXSP)
      384 bytes (M37212M6-XXXSP/FP)
      576 bytes (M37212M8-XXXSP)
      1280 bytes (M37212EFSP/FP)
      (*ROM correction memory included)
● The minimum instruction execution time
   ......................................... 0.5 µs (at 8 MHz oscillation frequency)
● Power source voltage .................................................. 5 V ± 10 %
● Subroutine nesting
   maximum 96 levels (M37212M4/M8-XXXSP, M37212M6-XXXSP/FP)
   maximum 128 levels (M37212EFSP/FP)
● Interrupts ........................................................ 14 types, 14 vectors
● 8-bit timers ................................................................................... 4
● Programmable I/O ports
   (Ports P0, P10–P14, P2, P30, P31, P40, P41) ............................. 25
● Input ports (Ports P15–P17, P32–P37, P42) ............................... 10
● Output ports (Ports P52–P55, P60–P63)....................................... 8
● 12 V withstand ports .................................................................. 12
● LED drive ports ............................................................................ 4
● Serial I/O ............................................................. 8-bit ✕ 1 channel
● Multi-master I2C-BUS interface ............................... 1 (2 systems)
● A-D comparator (6-bit resolution) ................................. 8 channels
● PWM output circuit ..........................................14-bit ✕ 1, 8-bit ✕ 8
● Power dissipation .............................................................. 165 mW
   (at 8 MHz oscillation frequency, VCC=5.5V, at OSD display)
● ROM correction function ................................................. 2 vectors
   Note: Only M37212M8-XXXSP and M37212EFSP/FP have ROM
      correction function.

● OSD function
   Display characters ................................... 24 characters ✕ 2 lines
      (It is possible to display 3lines or more by software)
   Kinds of characters ........................................................ 256 kinds
   Character display area ..............................................12 ✕ 16 dots
   Kinds of character sizes ..................................................... 3 kinds
   Kinds of character colors .................................. 8 colors (R, G, B)
   Coloring unit ................... character, character background, raster
   Display position .............................................................................
      Horizontal: 64 levels Vertical: 128 levels
   Attribute .............................................................................. border
  
APPLICATION
   TV




Similar Part No. - M37212M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37212M4 MITSUBISHI-M37212M4 Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
M37212M4-XXXSP MITSUBISHI-M37212M4-XXXSP Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
More results


Similar Description - M37212M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com