Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7079 Datasheet (PDF) - Anpec Electronics Coropration

APW7079 Datasheet PDF - Anpec Electronics Coropration
Part # APW7079
Download  APW7079 Download
File Size   284.86 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low-Supply-Current Synchronous Step-up DC-DC Converter

APW7079 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7079 Datasheet PDF - Anpec Electronics Coropration

Part # APW7079
Download  APW7079 Click to download

File Size   284.86 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low-Supply-Current Synchronous Step-up DC-DC Converter

APW7079 Datasheet (HTML) - Anpec Electronics Coropration


APW7079 Product details

General  Description

The APW7079 is a compact, PFM mode, and step-up DC-DC converter with low quiescent current. The internal synchronous rectifier reduces cost and PCB space by eliminating the need for an external Schottky diode. Low on-resistance of the internal switches improves the efficiency up to 92%. The start-up voltage is guaranteed below 1V . After start-up, the device can operate with input voltage down to 0.7V . The APW7079 is suitable for portable battery-powered applications. Consuming only 11mA quiescent current and an optimized control scheme allows the device to operate at very high efficiency over the entire load current range.



Features

• 0.9V  T ypical  Start-up Input Voltage

• 11mA Typical No Load Quiescent Current

• PFM  Operation

• High  Efficiency  up  to  92%

• Fixed 1.8V,  2.6V, 2.8V, 3V, 3.3V, 3.8V, 4.5V or 5V Output  Voltage

• 600mA Internal Switch Current

• Internal  Synchronous  Rectifier

• SOT-89 Package

• Lead Free and Green Devices Available(RoHS Compliant)




Similar Part No. - APW7079

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707918DI-TRG ANPEC-APW707918DI-TRG Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707926DI-TRG ANPEC-APW707926DI-TRG Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707928DI-TRG ANPEC-APW707928DI-TRG Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW707930DI-TRG ANPEC-APW707930DI-TRG Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
More results


Similar Description - APW7079

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com