Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9262 Datasheet (PDF) - Richtek Technology Corporation

RT9262 Datasheet PDF - Richtek Technology Corporation
Part # RT9262
Download  RT9262 Download
File Size   110.53 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER

RT9262 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9262 Datasheet PDF - Richtek Technology Corporation

Part # RT9262
Download  RT9262 Click to download

File Size   110.53 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER

RT9262 Datasheet (HTML) - Richtek Technology Corporation


RT9262 Product details

General Description
The RT9262/A is a compact, high efficient, step-up DC/DC converter with an adaptive current mode PWM control loop, providing a stable and high efficient operation over a wide range of load currents. It operates in both continuous and discontinuous current modes in stable waveforms without external compensation.
The low start-up input voltage below 1V makes RT9262/A suitable for 1 to 4 battery cell applications providing up to 400mA output current. The 550kHz high switching rate minimized the size of external components. Besides, the 17μA low quiescent current together with high efficiency maintains long battery lifetime.

Features
• 1.0V Low Start-up Input Voltage
• High Supply Capability to Deliver 3.3V 100mA with 1V Input Voltage
• 17μA Quiescent (Switch-off) Supply Current
• 90% Efficiency
• 550kHz Fixed Switching Rate
• Providing Flexibility for Using Internal and External Power Switches
• Built-in 300mA LDO, also for the Zero-OutputCurrent Shutdown Mode (RT9262)
• Boost DC-DC Integrating LDO for Up-Down Regulation (RT9262)
• Built-in 0.86V Voltage Detector (RT9262A)
• 8-Pin SOP Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• PDA
• Portable Instrument
• Wireless Equipment
• DSC
• LCD Back Bias Circuit
• RF-Tags




Similar Part No. - RT9262

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262AGS RICHTEK-RT9262AGS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262APS RICHTEK-RT9262APS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262GS RICHTEK-RT9262GS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262PS RICHTEK-RT9262PS Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
More results


Similar Description - RT9262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com