Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56733AFP Datasheet (PDF) - Renesas Technology Corp

M56733AFP Datasheet PDF - Renesas Technology Corp
Part # M56733AFP
Download  M56733AFP Download
File Size   186.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Phase Brushless Motor Driver

M56733AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M56733AFP Datasheet PDF - Renesas Technology Corp

Part # M56733AFP
Download  M56733AFP Click to download

File Size   186.71 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Phase Brushless Motor Driver

M56733AFP Datasheet (HTML) - Renesas Technology Corp


M56733AFP Product details

Description

The M56733AFP is a semiconductor integrated circuit designed as a single-chip controller for FDD spindle motors. It incorporates a power amplifier, Hall amplifier, FG amplifier, oscillator, and speed discriminator, along with various protective circuits. Control of switching between three speeds by the single MOD pin gives this IC the edge for use in compact systems.



Features

•  Digital servo provides high precision, good stability, and freedom from the need for adjustment.

•  A single pin controls switching between three speed. •••MOD

•  Two enable signals. •••EN, EN

•  IO (peak)= 1.0 A

•  Low-capacitance damping capacitor



Applications

•  FDD spindle motors (5 inches)



Recommended Operating Conditions

•  Power-supply voltage: 10.8 (min.)to 13.2 (max.), 12.0 (typ.)

•  Oscillation frequency: 492 kHz

•  Maximum output current: 800 mA

•  FG amplifier input signal level: 5 mVp-p or more




Similar Part No. - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
3-PHASE BRUSHLESS MOTOR CONTROL
More results


Similar Description - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
3-Phase Brushless Motor Driver????
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com