Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1687 Datasheet (PDF) - Sanyo Semicon Device

LB1687 Datasheet PDF - Sanyo Semicon Device
Part # LB1687
Download  LB1687 Download
File Size   86.79 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Phase Brushless Motor Driver???

LB1687 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1687 Datasheet PDF - Sanyo Semicon Device

Part # LB1687
Download  LB1687 Click to download

File Size   86.79 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Phase Brushless Motor Driver???

LB1687 Datasheet (HTML) - Sanyo Semicon Device


LB1687 Product details

Features and Functions
• 120° voltage linear type.
• Soft switching type eliminating noises caused by current switching and making the values of external capacitors smaller (comparable to those of chip capacitors).
• On-chip FG amplifier.
• On-chip thermal shutdown circuit.
• The FG signal can be used to detect the rotational speed of a motor so that the hall amplifier gain is changed in two steps, thus reducing torque ripple and noise.
• Motor drivable at voltage down to motor supply voltage 5V.

Applications
    The LB1687 is a 3-phase brushless motor driver IC ideally suited for use in VCR capstan motor, drum motor drive applications.




Similar Part No. - LB1687

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
More results


Similar Description - LB1687

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
3-Phase Brushless Motor Driver????
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com