Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52795SP Datasheet (PDF) - Renesas Technology Corp

M52795SP Datasheet PDF - Renesas Technology Corp
Part # M52795SP
Download  M52795SP Download
File Size   3592.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AV SWITCH WITH I2C BUS CONTROL

M52795SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52795SP Datasheet PDF - Renesas Technology Corp

Part # M52795SP
Download  M52795SP Click to download

File Size   3592.24 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AV SWITCH WITH I2C BUS CONTROL

M52795SP Datasheet (HTML) - Renesas Technology Corp


M52795SP Product details

DESCRIPTION
The M52795 is AV switch semiconductor integrated circuit with I2C bus control .
This IC contains 2-channels of 4-input audio switches and 2- channels of 4-input video switches. Each channel can be controled independently .
The video switches contain amplifiers can be controled a gain of output 0dB or 6dB .

FEATURES
• Video and stereo sound switches in one package
• Wide frequency range ( video switch )...........DC~20MHz
• High separation ( video switch ) ..................Crosstalk -60dB ( typ. ) at 1MHz
• Two types of packages are provided : SDIP with a lead pitch of 1.778mm ( M52795SP ) ; and SOP with a lead pitch of 1.27mm ( M52795FP ) .

APPLICATION
    Video equipment




Similar Part No. - M52795SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
More results


Similar Description - M52795SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
I2C BUS Control 5-Input 2-Output AV Switch
logo
Sony Corporation
CXA7002R SONY-CXA7002R Datasheet
424Kb / 47P
I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
Renesas Technology Corp
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
AV SWITCH WITH I2C BUS CONTROL
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
AV Switch with I2C Bus Control
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com