Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66305AP Datasheet (PDF) - Renesas Technology Corp

M66305AP Datasheet PDF - Renesas Technology Corp
Part # M66305AP
Download  M66305AP Download
File Size   2176.94 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TOGGLE LINE BUFFER

M66305AP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66305AP Datasheet PDF - Renesas Technology Corp

Part # M66305AP
Download  M66305AP Click to download

File Size   2176.94 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TOGGLE LINE BUFFER

M66305AP Datasheet (HTML) - Renesas Technology Corp


M66305AP Product details

DESCRIPTION
M66305A Toggle Line Buffer has two 5,120-bit line buffer memories. It takes in serial data that arrives synchronously with clock pulses and outputs it in serial at a rate of up to 10 Mbits per second synchronously with external clock pulses. This buffer employs the double buffer system: While data is being output, data on the next line can be written on the other line buffer memory.

FEATURES
• 5,120 × 1bit serial input-serial output line buffer memories
• Data transmission at 10 megabits/second maximum
• Two line buffer memories can be alternated by external toggle signal.
• Memory capacity can be doubled by cascade connection.
• Because of cascade input pin (CAS1), output potential after completion of output can be set to either H or L.
• Low noise and high fan-out output (IO = ±24mA guaranteed)
• Every input pin has built-in Schmidt trigger circuit.
• Read counter and write counter can be reset independently.
• RESET, T, CNTRST1 and CNTRST2 are equipped with negative noise reduction circuit.

APPLICATION
   Data buffer between industrial or home-use image data processing system and peripheral equipment




Similar Part No. - M66305AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66305AP MITSUBISHI-M66305AP Datasheet
87Kb / 10P
TOGGLE LINE BUFFER
More results


Similar Description - M66305AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66305AP MITSUBISHI-M66305AP Datasheet
87Kb / 10P
TOGGLE LINE BUFFER
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
LF9502 LODEV-LF9502 Datasheet
52Kb / 7P
2K Programmable Line Buffer
logo
Integrated Device Techn...
IDT54FCT541 IDT-IDT54FCT541 Datasheet
83Kb / 7P
BUFFER/LINE DRIVER
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
BUS BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
ON Semiconductor
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com