Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF9502 Datasheet (PDF) - LOGIC Devices Incorporated

LF9502 Datasheet PDF - LOGIC Devices Incorporated
Part # LF9502
Download  LF9502 Download
File Size   52.2 Kbytes
Page   7 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 2K Programmable Line Buffer

LF9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF9502 Datasheet PDF - LOGIC Devices Incorporated

Part # LF9502
Download  LF9502 Click to download

File Size   52.2 Kbytes
Page   7 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 2K Programmable Line Buffer

LF9502 Datasheet (HTML) - LOGIC Devices Incorporated


LF9502 Product details

DESCRIPTION
The LF9502 is a high-speed, 10-bit programmable line buffer. Some applications the LF9502 is useful for include sample rate conversion, data time compression/expansion, software controlled data alignment, and programmable serial data shifting. By using the MODSEL pin, two different modes of operation can be selected: delay mode and data recirculation mode. The delay mode provides a minimum of 2 to a maximum of 2049 clock cycles of delay between the input and output of the device. The data recirculation mode provides a feedback path from the data output to the data input for use as a programmable circular buffer.

FEATURES
❑ 50 MHz Maximum Operating Frequency
❑ Programmable Buffer Length from 2 to 2049 Clock Cycles
❑ 10-bit Data Inputs and Outputs
❑ Data Delay and Data Recirculation Modes
❑ Supports Positive or Negative Edge System Clocks
❑ Expandable Data Word Width or Buffer Length
❑ 44-pin PLCC, J-Lead




Similar Part No. - LF9502

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
LF9501JC20 LODEV-LF9501JC20 Datasheet
52Kb / 7P
Programmable Line Buffer
LF9501JC25 LODEV-LF9501JC25 Datasheet
52Kb / 7P
Programmable Line Buffer
More results


Similar Description - LF9502

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501 Datasheet
49Kb / 8P
Programmable Data Buffer
1999 01
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501_04 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
Programmable Skew Clock Buffer
logo
Renesas Technology Corp
M66305AP RENESAS-M66305AP Datasheet
2Mb / 11P
TOGGLE LINE BUFFER
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
logo
Integrated Device Techn...
5P1105 IDT-5P1105 Datasheet
479Kb / 32P
Programmable Fanout Buffer
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
Programmable Fanout Buffer
Aug 1, 2022
5P1105 RENESAS-5P1105 Datasheet
743Kb / 32P
Programmable Fanout Buffer
Aug 1, 2022
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com