Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF9502 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LF9502
Description  2K Programmable Line Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF9502 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LF9502 Datasheet HTML 1Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 2Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 3Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 4Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 5Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 6Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DEVICES INCORPORATED
LF9502
2K Programmable Line Buffer
4
08/16/2000–LDS.9502-G
Video Imaging Products
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
1234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
LF9502–
40*
31*
25
20
15*
Symbol
Parameter
Min Max Min Max Min Max Min Max Min Max
tCYC
Cycle Time
40
31
25
20
15
tPW
Clock Pulse Width
15
12
10
8
6
tDS
Data Input Setup Time
12
10
8
6
5
tDH
Data Input Hold Time
2
2
2
2
0
tES
Clock Enable to Clock Setup Time
12
10
8
6
5
tEH
Clock Enable to Clock Hold Time
2
2
2
2
0
tLS
Length Control Input Setup Time
13
10
8
6
5
tLH
Length Control Input Hold Time
2
2
2
2
0
tLES
Length Control Enable to Clock Setup Time
12
10
8
6
5
tLEH
Length Control Enable to Clock Hold Time
2
2
2
2
0
tMS
Mode Select Setup Time
13
10
8
6
5
tMH
Mode Select Hold Time
2
2
2
2
0
tOUT
Clock to Data Out
22
16
15
14
10
tOH
Output Hold Time (Note 8)
44
44
4
tENA
Three-State Output Enable Delay (Note 11)
25
24
15
14
12
tDIS
Three-State Output Disable Delay (Note 11)
25
24
15
14
12
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
*When CLKSEL is HIGH, assume CLK is inverted.
FUNCTIONAL TIMING — CLKSEL LOW
CLK*
tCYC
tPW
tPW
MODSEL
tMH
tDS
tDH
DI9-0
DO9-0
OE
tDIS
tENA
tOUT
tOH
tMS
HIGH IMPEDANCE
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com