Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF9502 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF9502
Description  2K Programmable Line Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF9502 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF9502 Datasheet HTML 1Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 2Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 3Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 4Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 5Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 6Page - LOGIC Devices Incorporated LF9502 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
1
LF9502
2K Programmable Line Buffer
08/16/2000–LDS.9502-G
Video Imaging Products
u
u
u
u
u 50 MHz Maximum Operating
Frequency
u
u
u
u
u Programmable Buffer Length from
2 to 2049 Clock Cycles
u
u
u
u
u 10-bit Data Inputs and Outputs
u
u
u
u
u Data Delay and Data Recirculation
Modes
u
u
u
u
u Supports Positive or Negative Edge
System Clocks
u
u
u
u
u Expandable Data Word Width or
Buffer Length
u
u
u
u
u 44-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LF9502
2K Programmable Line Buffer
DEVICES INCORPORATED
The LF9502 is a high-speed, 10-bit
programmable line buffer. Some
applications the LF9502 is useful for
include sample rate conversion, data
time compression/expansion, soft-
ware controlled data alignment, and
programmable serial data shifting. By
using the MODSEL pin, two different
modes of operation can be selected:
delay mode and data recirculation
mode. The delay mode provides a
minimum of 2 to a maximum of 2049
clock cycles of delay between the
input and output of the device. The
data recirculation mode provides a
feedback path from the data output to
the data input for use as a program-
mable circular buffer.
By using the length control input
(LC10-0) and the length control enable
(LCEN) the length of the delay buffer
or amount of recirculation delay can
be programmed. Providing a delay
value on the LC10-0 inputs and driving
LCEN LOW will load the delay value
into the length control register on the
next selected clock edge. Two regis-
ters, one preceeding the program-
mable delay RAM and one following,
are included in the delay path. There-
fore, the programmed delay value
should equal the desired delay minus
2. This consequently means that the
value loaded into the length control
register must range from 0 to 2047 (to
provide an overall range of 2 to 2049).
The active edge of the clock input,
either positive or negative edge, can
be selected with the clock select
(CLKSEL) input. All timing is based
on the active clock edge selected by
CLKSEL. Data can be held tempo-
rarily by using the clock enable
(CLKEN) input.
LF9502 BLOCK DIAGRAM
DI9-0
10
10
10
10
10
10
10
MODSEL
CLKSEL
CLKEN
CLK
OE
REGISTER
LCO10-0
LCEN
11
11
TO ALL REGISTERS
REGISTER
DO9-0


Similar Part No. - LF9502

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
LF9501JC20 LODEV-LF9501JC20 Datasheet
52Kb / 7P
Programmable Line Buffer
LF9501JC25 LODEV-LF9501JC25 Datasheet
52Kb / 7P
Programmable Line Buffer
More results

Similar Description - LF9502

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501 Datasheet
49Kb / 8P
Programmable Data Buffer
1999 01
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
Programmable Line Buffer
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501_04 Datasheet
372Kb / 8P
Programmable Data Buffer
August 2004
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
Programmable Skew Clock Buffer
logo
Renesas Technology Corp
M66305AP RENESAS-M66305AP Datasheet
2Mb / 11P
TOGGLE LINE BUFFER
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
logo
Integrated Device Techn...
5P1105 IDT-5P1105 Datasheet
479Kb / 32P
Programmable Fanout Buffer
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
Programmable Fanout Buffer
Aug 1, 2022
5P1105 RENESAS-5P1105 Datasheet
743Kb / 32P
Programmable Fanout Buffer
Aug 1, 2022
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
Programmable Data Buffer
Aug 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com