Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8NB100 Datasheet (PDF) - STMicroelectronics

STW8NB100 Datasheet PDF - STMicroelectronics
Part # STW8NB100
Download  STW8NB100 Download
File Size   50.76 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 1000V - 1.2ohm- 8A - TO-247 PowerMESH MOSFET

STW8NB100 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW8NB100 Datasheet PDF - STMicroelectronics

Part # STW8NB100
Download  STW8NB100 Click to download

File Size   50.76 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 1000V - 1.2ohm- 8A - TO-247 PowerMESH MOSFET

STW8NB100 Datasheet (HTML) - STMicroelectronics


STW8NB100 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 1.2 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ ± 30V GATE TO SOURCE VOLTAGE RATING
■ 100% AVALANCHE TESTED
■ LOW INTRINSIC CAPACITANCE
■ GATE CHARGE MINIMIZED
■ REDUCED VOLTAGE SPREAD

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITCH MODE POWER SUPPLY (SMPS)
■ DC-AC CONVERTER FOR WELDING EQUIPMENT AND UNINTERRUPTABLE POWER SUPPLY AND MOTOR DRIVE




Similar Part No. - STW8NB100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW8NB100 ISC-STW8NB100 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW8NB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
Mar-1999
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW50NB20 STMICROELECTRONICS-STW50NB20 Datasheet
88Kb / 8P
N - CHANNEL 200V - 0.047ohm - 50A - TO-247 PowerMESH MOSFET
Oct-1999
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NB100 STMICROELECTRONICS-STW6NB100 Datasheet
86Kb / 8P
N - CHANNEL 1000V - 2.3ohm - 5.4A - TO-247 PowerMESH MOSFET
Oct-1999
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com