Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH-2E Datasheet (PDF) - Renesas Technology Corp

SH-2E Datasheet PDF - Renesas Technology Corp
Part # SH-2E
Download  SH-2E Download
File Size   4874.85 Kbytes
Page   1002 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series

SH-2E Datasheet (PDF)

Go To PDF Page Download Datasheet
SH-2E Datasheet PDF - Renesas Technology Corp

Part # SH-2E
Download  SH-2E Click to download

File Size   4874.85 Kbytes
Page   1002 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series

SH-2E Datasheet (HTML) - Renesas Technology Corp


SH-2E Product details

Features
The SH7055SF is a single-chip RISC microcontroller that integrates a RISC CPU core using an
original Renesas architecture with peripheral functions required for system configuration.

The CPU has a RISC-type instruction set. Basic instructions can be executed in one state (one
system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit
internal architecture enhances data processing power. With this CPU, it has become possible to
assemble low-cost, high-performance/high-functionality systems even for applications such as
real-time control, which could not previously be handled by microcontrollers because of their
high-speed processing requirements.

In addition, the SH7055SF includes on-chip peripheral functions necessary for system
configuration, such as a floating-point unit (FPU) , ROM , RAM, a direct memory access
controller (DMAC), timers, a serial communication interface (SCI), controller area network
(HCAN), A/D converter, interrupt controller (INTC), and I/O ports.

ROM and SRAM can be directly connected by means of an external memory access support
function, greatly reducing system cost.

On-chip ROM is available as flash memory in the F-ZTAT™* (Flexible Zero Turn Around Time)
version. The flash memory can be programmed with a programmer that supports SH7055SF
programming, and can also be programmed and erased by software. Since the Programming/erasing control program is included as firmware, programming and erasing can be
performed by calling this program with a user program. This enables the chip to be programmed at the user site while mounted on a board.
The features of the SH7055SF are summarized in table 1.1.




Similar Part No. - SH-2E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH-2E RENESAS-SH-2E Datasheet
6Mb / 1042P
32-Bit RISC Microcomputer
SH-2E RENESAS-SH-2E Datasheet
5Mb / 1130P
Renesas SuperHTM RISC engine
More results


Similar Description - SH-2E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7047F RENESAS-SH7047F Datasheet
407Kb / 85P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series
SH7046 RENESAS-SH7046 Datasheet
3Mb / 611P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1109P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7065 RENESAS-SH7065 Datasheet
5Mb / 941P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com