Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6KA24 Datasheet (PDF) - Vishay Siliconix

6KA24 Datasheet PDF - Vishay Siliconix
Part # 6KA24
Download  6KA24 Download
File Size   94.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

6KA24 Datasheet (PDF)

Go To PDF Page Download Datasheet
6KA24 Datasheet PDF - Vishay Siliconix

Part # 6KA24
Download  6KA24 Click to download

File Size   94.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Transient Voltage Suppressors

6KA24 Datasheet (HTML) - Vishay Siliconix


6KA24 Product details

High Temperature Stability and High Reliability Conditions



FEATURES

• Junction passivation optimized design passivated anisotropic rectifier technology

• TJ = 185 °C capability suitable for high reliability and automotive requirement

• Excellent clamping capability

• Low leakage current

• High surge capability

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• AEC-Q101 qualified

• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC



TYPICAL APPLICATIONS

  Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting, especially for automotive load dump protection application.



 




Similar Part No. - 6KA24

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
6KA24 GE-6KA24 Datasheet
40Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
Vishay Siliconix
6KA24 VISHAY-6KA24 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24 VISHAY-6KA24 Datasheet
78Kb / 4P
PAR짰 Transient Voltage Suppressors
16-Sep-2021
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 6KA24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
Automotive Transient Voltage Suppressors
03-May-02
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com