Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6KA24 Datasheet (PDF) - General Semiconductor

6KA24 Datasheet PDF - General Semiconductor
Part # 6KA24
Download  6KA24 Download
File Size   40.99 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR

6KA24 Datasheet (PDF)

Go To PDF Page Download Datasheet
6KA24 Datasheet PDF - General Semiconductor

Part # 6KA24
Download  6KA24 Click to download

File Size   40.99 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR

6KA24 Datasheet (HTML) - General Semiconductor


6KA24 Product details

Stand-off Voltage - 24 Volts Peak Pulse Power - 6000 Watts



FEATURES

♦ Designed for under the hood applications

♦ Plastic package has Underwriters Laboratories

   Flammability Classification 94V-0

♦ Exclusive patented PAR™ oxide passivated chip construction

♦ 6000W peak pulse power capability with a 10/1000µs waveform

♦ 2000W peak pulse power capability with a 10µs/50ms waveform

♦ Low incremental surge resistance

♦ Ideally suited for automotive “load dump” applications

♦ High temperature soldering guaranteed: 300°C/10 seconds 0.375” (9.5mm) lead lengths, 5lbs (2.3kg) tension



 




Similar Part No. - 6KA24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
Vishay Siliconix
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
6KA24 VISHAY-6KA24 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24 VISHAY-6KA24 Datasheet
78Kb / 4P
PAR짰 Transient Voltage Suppressors
16-Sep-2021
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 6KA24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
Automotive Transient Voltage Suppressor
logo
Vishay Siliconix
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
General Semiconductor
1.5KA6.8 GE-1.5KA6.8 Datasheet
56Kb / 4P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
MR2540 EIC-MR2540_V01 Datasheet
138Kb / 1P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com