Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3535 Datasheet (PDF) - Vishay Siliconix

DG3535 Datasheet PDF - Vishay Siliconix
Part # DG3535
Download  DG3535 Download
File Size   123.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.25-Ω Low-Voltage Dual SPDT Analog Switch

DG3535 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3535 Datasheet PDF - Vishay Siliconix

Part # DG3535
Download  DG3535 Click to download

File Size   123.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.25-Ω Low-Voltage Dual SPDT Analog Switch

DG3535 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - DG3535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
DG3535 VISHAY-DG3535 Datasheet
103Kb / 9P
0.25ohm Low-Voltage Dual SPDT Analog Switch
28-Feb-11
DG3535 VISHAY-DG3535 Datasheet
186Kb / 10P
0.25 Ω Low-Voltage Dual SPDT Analog Switch
28-Feb-11
DG3535DB VISHAY-DG3535DB Datasheet
19Kb / 1P
Device Orientation Options for Analog ICs
05-Apr-05
DG3535DB-T1-E1 VISHAY-DG3535DB-T1-E1 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
More results


Similar Description - DG3535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
01-Jan-07
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG3535 VISHAY-DG3535_V01 Datasheet
186Kb / 10P
0.25 Ω Low-Voltage Dual SPDT Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com