Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA810 Datasheet (PDF) - STMicroelectronics

TBA810 Datasheet PDF - STMicroelectronics
Part # TBA810
Download  TBA810 Download
File Size   70.37 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7W AUDIO AMPLIFIER

TBA810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBA810 Datasheet PDF - STMicroelectronics

Part # TBA810
Download  TBA810 Click to download

File Size   70.37 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7W AUDIO AMPLIFIER

TBA810 Datasheet (HTML) - STMicroelectronics


TBA810 Product details

The TBS810P is an improvement of TBA810S.



The TBA810P is a monolithic integrated circuit in a 12-lead quad in-line plastic package, intended for use as a low frequency class B amplifier.



 





 



Reference PDF :



http://www.transkommunikation.ch/dateien/schaltungen/diverse_schaltungen/audio_circuits/Versatile%20Audio%20Amplifier%20(TBA810).pdf




Similar Part No. - TBA810

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
TBA810AS TFUNK-TBA810AS Datasheet
642Kb / 5P
Monolithic Integrated Circuit
TBA810S TFUNK-TBA810S Datasheet
642Kb / 5P
Monolithic Integrated Circuit
More results


Similar Description - TBA810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
7W Audio Power Amplifier
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
7W MONO BRIDGE AMPLIFIER
1998-Aug
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com