Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16CTU04 Datasheet (PDF) - Vishay Siliconix

16CTU04 Datasheet PDF - Vishay Siliconix
Part # 16CTU04
Download  16CTU04 Download
File Size   116.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED PtTM

16CTU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
16CTU04 Datasheet PDF - Vishay Siliconix

Part # 16CTU04
Download  16CTU04 Click to download

File Size   116.13 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED PtTM

16CTU04 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 16CTU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04 IRF-16CTU04 Datasheet
188Kb / 8P
Ultrafast Rectifier
16CTU04 IRF-16CTU04 Datasheet
194Kb / 8P
Ultrafast Rectifier
logo
Inchange Semiconductor ...
16CTU04 ISC-16CTU04 Datasheet
311Kb / 2P
Ultrafast Rectifier
logo
International Rectifier
16CTU04-1 IRF-16CTU04-1 Datasheet
188Kb / 8P
Ultrafast Rectifier
16CTU04-1 IRF-16CTU04-1 Datasheet
290Kb / 9P
Ultrafast Rectifier
More results


Similar Description - 16CTU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
16CTU04SPBF VISHAY-16CTU04SPBF_08 Datasheet
576Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MUR1620CT VISHAY-MUR1620CT Datasheet
109Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
28-Jul-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
MURB1620CT VISHAY-MURB1620CT Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
28-Jul-08
MURB1620CTPBF VISHAY-MURB1620CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com