Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1620CT Datasheet (PDF) - Vishay Siliconix

MUR1620CT Datasheet PDF - Vishay Siliconix
Part # MUR1620CT
Download  MUR1620CT Download
File Size   109.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED PtTM

MUR1620CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1620CT Datasheet PDF - Vishay Siliconix

Part # MUR1620CT
Download  MUR1620CT Click to download

File Size   109.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED PtTM

MUR1620CT Datasheet (HTML) - Vishay Siliconix


MUR1620CT Product details

Ultrafast Rectifier, 2 x 8 A FRED PtTM



DESCRIPTION/APPLICATIONS

MUR.. series are the state ofthe art ultrafast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diode in low voltage inverters and hopper

motor drives.

Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.



FEATURES

• Ultrafast recovery time

• Low forward voltage drop

• Low leakage current

• 175 °C operating junction temperature

• Designed and qualified for industrial level




Similar Part No. - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
January 2000
logo
Micro Commercial Compon...
MUR1620CT MCC-MUR1620CT Datasheet
59Kb / 2P
16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT Datasheet
108Kb / 8P
SWITCHMODE Power Rectifiers (ULTRAFAST RECTIFIERS 8.0 AMPERES 100-600 VOLTS)
October, 2000 ??Rev. 3
logo
Motorola, Inc
MUR1620CT MOTOROLA-MUR1620CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
More results


Similar Description - MUR1620CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04 VISHAY-16CTU04 Datasheet
116Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
28-Jul-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
16CTU04SPBF VISHAY-16CTU04SPBF_08 Datasheet
576Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
MURB1620CT VISHAY-MURB1620CT Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
28-Jul-08
MURB1620CTPBF VISHAY-MURB1620CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com