Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7231 Datasheet (PDF) - STMicroelectronics

TDA7231 Datasheet PDF - STMicroelectronics
Part # TDA7231
Download  TDA7231 Download
File Size   67.72 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.6W AUDIO AMPLIFIER

TDA7231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7231 Datasheet PDF - STMicroelectronics

Part # TDA7231
Download  TDA7231 Click to download

File Size   67.72 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.6W AUDIO AMPLIFIER

TDA7231 Datasheet (HTML) - STMicroelectronics


TDA7231 Product details

The TDA7231A is a monolithic integrated circuit in 4 + 4 lead minidip package. It is intended for use as class AB power amplifier with wide range of supply voltage in portable radios, cassette recorders and players, etc.





* OPERATING VOLTAGE 1.8 TO 15 V

* LOW QUIESCENT CURRENT

* HIGH POWER CAPABILITY

* LOW CROSSOVER DISTORTION

* SOFT CLIPPING




Similar Part No. - TDA7231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
TDA7233D STMICROELECTRONICS-TDA7233D Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233D STMICROELECTRONICS-TDA7233D Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
More results


Similar Description - TDA7231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
Amplifier, Power, 1.6W 12.75-15.35 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
2.5-5.5 GHz 1.6W Power Amplifier
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com