Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7231 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7231
Description  1.6W AUDIO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7231 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7231 Datasheet HTML 1Page - STMicroelectronics TDA7231 Datasheet HTML 2Page - STMicroelectronics TDA7231 Datasheet HTML 3Page - STMicroelectronics TDA7231 Datasheet HTML 4Page - STMicroelectronics TDA7231 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA7231A
1.6W AUDIO AMPLIFIER
March 1995
PIN CONNECTION
MINIDIP (4+4)
ORDERING NUMBER : TDA7231A
.
OPERATING VOLTAGE 1.8 TO 15 V
.
LOW QUIESCENT CURRENT
.
HIGH POWER CAPABILITY
.
LOW CROSSOVER DISTORTION
.
SOFT CLIPPING
DESCRIPTION
The TDA7231A is a monolithic integrated circuit in
4 + 4 lead minidip package. It is intended for use
as class AB power amplifier with wide range of
supply voltage in portable radios, cassette re-
corders and players, etc.
1/5


Similar Part No. - TDA7231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
TDA7233D STMICROELECTRONICS-TDA7233D Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233D STMICROELECTRONICS-TDA7233D Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
More results

Similar Description - TDA7231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
logo
Tyco Electronics
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
Amplifier, Power, 1.6W 12.75-15.35 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
2.5-5.5 GHz 1.6W Power Amplifier
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com