Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7272A Datasheet (PDF) - STMicroelectronics

TDA7272A Datasheet PDF - STMicroelectronics
Part # TDA7272A
Download  TDA7272A Download
File Size   193.1 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE MOTOR SPEED REGULATOR

TDA7272A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7272A Datasheet PDF - STMicroelectronics

Part # TDA7272A
Download  TDA7272A Click to download

File Size   193.1 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE MOTOR SPEED REGULATOR

TDA7272A Datasheet (HTML) - STMicroelectronics


TDA7272A Product details

DESCRIPTION
TDA7272A are high performance motor speed controller for small power DC motors as used in cassette players.
Using the motor as a digital tachogenerator itself the performance of true tacho controlled systems is reached.
A dual loop control circuit provides long term stability and fast settling behaviour.

■ TACHIMETRIC SPEED REGULATION WITH NO NEED FOR AN EXTERNAL SPEED PICKUP
■ V/I SUPPLEMENTARY PREREGULATION
■ DIGITAL CONTROL OF DIRECTION AND MOTOR STOP
■ SEPARATE SPEED ADJUSTMENT
■ 5.5V TO 18V OPERATING SUPPLY VOLTAGE
■ 1A PEAK OUTPUT CURRENT
■ OUTPUT CLAMP DIODES INCLUDED
■ SHORT CIRCUIT CURRENT PROTECTION
■ THERMAL SHUT DOWN WITH HYSTERESIS
■ DUMP PROTECTION (40V)
■ ESD PROTECTION




Similar Part No. - TDA7272A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7273D STMICROELECTRONICS-TDA7273D Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
HIGH-EFFICIENCY CD ACTUATOR DRIVER
Mar-1997
More results


Similar Description - TDA7272A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1844 NTE-NTE1844 Datasheet
23Kb / 3P
Integrated Circuit Motor Speed Regulator
logo
STMicroelectronics
TDA1151 STMICROELECTRONICS-TDA1151 Datasheet
131Kb / 8P
MOTOR SPEED REGULATOR
Mar-1993
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
logo
NXP Semiconductors
TDA1059B PHILIPS-TDA1059B Datasheet
194Kb / 5P
MOTOR SPEED REGULATOR WITH THERMAL SHUT-DOWN
November 1982
logo
Bourns Electronic Solut...
P40-G BOURNS-P40-G Datasheet
548Kb / 7P
Extremely high speed performance
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
Extremely high speed performance
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
High Speed 5V High Performance
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
High performance rotational speed sensor
Rev. 1-28 April 2016
logo
promoco-motors.com
DC31 PROMOCO-DC31 Datasheet
138Kb / 1P
High Performance DC-motor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com