Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7297 Datasheet (PDF) - STMicroelectronics

TDA7297 Datasheet PDF - STMicroelectronics
Part # TDA7297
Download  TDA7297 Download
File Size   125.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1515W DUAL BRIDGE AMPLIFIER

TDA7297 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7297 Datasheet PDF - STMicroelectronics

Part # TDA7297
Download  TDA7297 Click to download

File Size   125.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1515W DUAL BRIDGE AMPLIFIER

TDA7297 Datasheet (HTML) - STMicroelectronics


TDA7297 Product details

DESCRIPTION

The TDA7297 is a dual bridge amplifier specially designed for TV and Portable Radio applications.



WIDE SUPPLY VOLTAGE RANGE (6V -18V)

MINIMUM EXTERNAL COMPONENTS

– NO SWR CAPACITOR

– NO BOOTSTRAP

– NO BOUCHEROT CELLS

– INTERNALLY FIXED GAIN

STAND-BY & MUTE FUNCTIONS

SHORT CIRCUIT PROTECTION

THERMAL OVERLOAD PROTECTION




Similar Part No. - TDA7297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
1010W DUAL BRIDGE AMPLIFIER
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
183Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
More results


Similar Description - TDA7297

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4935 SIEMENS-TDA4935 Datasheet
272Kb / 14P
Stereo/Bridge AF Amplifier 2 x 15W/30W
logo
DENSEI-LAMBDA
LWD50 LAMBDA-LWD50 Datasheet
118Kb / 2P
Dual output 15W ~ 50W
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
Microsemi Corporation
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
1515W Stereo Filterless Class-D Amplifier
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
10W DUAL BRIDGE AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC7266 YOUWANG-UTC7266 Datasheet
317Kb / 9P
DUAL BRIDGE AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com