Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7297 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7297
Description  1515W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7297 Datasheet HTML 1Page - STMicroelectronics TDA7297 Datasheet HTML 2Page - STMicroelectronics TDA7297 Datasheet HTML 3Page - STMicroelectronics TDA7297 Datasheet HTML 4Page - STMicroelectronics TDA7297 Datasheet HTML 5Page - STMicroelectronics TDA7297 Datasheet HTML 6Page - STMicroelectronics TDA7297 Datasheet HTML 7Page - STMicroelectronics TDA7297 Datasheet HTML 8Page - STMicroelectronics TDA7297 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7297
15+15W DUAL BRIDGE AMPLIFIER
WIDE SUPPLY VOLTAGE RANGE (6V -18V)
MINIMUM EXTERNAL COMPONENTS
– NO SWR CAPACITOR
– NO BOOTSTRAP
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN
STAND-BY & MUTE FUNCTIONS
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
DESCRIPTION
The TDA7297 is a dual bridge amplifier specially
designed for TV and Portable Radio applications.
May 1997
1
2
4
Vref
ST-BY
7
IN1
0.22
µF
VCC
13
3
D94AU175B
+
-
-
+
OUT1+
OUT1-
15
14
12
MUTE
6
IN2
0.22
µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
470
µF
100nF
BLOCK AND APPLICATION DIAGRAM
Multiwatt 15
ORDERING NUMBER: TDA7297
TECHNOLOGY BI20II
1/9


Similar Part No. - TDA7297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7297 UTC-TDA7297 Datasheet
233Kb / 8P
1010W DUAL BRIDGE AMPLIFIER
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
183Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
More results

Similar Description - TDA7297

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4935 SIEMENS-TDA4935 Datasheet
272Kb / 14P
Stereo/Bridge AF Amplifier 2 x 15W/30W
logo
DENSEI-LAMBDA
LWD50 LAMBDA-LWD50 Datasheet
118Kb / 2P
Dual output 15W ~ 50W
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
Microsemi Corporation
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
1515W Stereo Filterless Class-D Amplifier
logo
STMicroelectronics
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
10W DUAL BRIDGE AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC7266 YOUWANG-UTC7266 Datasheet
317Kb / 9P
DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com