Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7343 Datasheet (PDF) - STMicroelectronics

TDA7343 Datasheet PDF - STMicroelectronics
Part # TDA7343
Download  TDA7343 Download
File Size   100.28 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITALLY CONTROLLED AUDIO PROCESSOR

TDA7343 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7343 Datasheet PDF - STMicroelectronics

Part # TDA7343
Download  TDA7343 Click to download

File Size   100.28 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIGITALLY CONTROLLED AUDIO PROCESSOR

TDA7343 Datasheet (HTML) - STMicroelectronics


TDA7343 Product details

DESCRIPTION
The TDA7343 is an upgrade of the TDA7313 audioprocessor.
Thanks to the used BIPOLAR/CMOS technology, very low distortion, low noise and DC-stepping are obtained.
Due to a highly linear signal processing, using CMOS-switching techniques instead of standard bipolar multipliers, very low distortion and very low noise are obtained Several new features like softmute, zero-crossing mute and pause detector are implemented.

The Soft Mute function can be activated in two ways:
   1 Via serial bus (bit D0, Mute Byte)
   2 Directly on pin 22 through an I/O line of the microcontroller
Very low DC stepping is obtained by use of a BICMOS technology.

■ INPUT MULTIPLEXER
   - TWO STEREO AND ONE MONO INPUTS
   - SELECTABLE INPUT GAIN FOR OPTIMAL ADAPTATION TO DIFFERENT SOURCES
■ FULLY PROGRAMMABLE LOUDNESS FUNCTION
■ VOLUME CONTROL IN 0.3dB STEPS INCLUDING GAIN UP TO 20dB
■ ZERO CROSSING MUTE AND DIRECT MUTE
■ SOFT MUTE CONTROLLED BY SOFTWARE OR HARDWARE PIN
■ BASS AND TREBLE CONTROL
■ FOUR SPEAKER ATTENUATORS
   - FOUR INDEPENDENT SPEAKERS CONTROL IN 1.25dB STEPS FOR BALANCEAND FADER FACILITIES
   - INDEPENDENT MUTE FUNCTION
■ ALL FUNCTIONS PROGRAMMABLE VIA SERIAL I2 CBUS




Similar Part No. - TDA7343

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7340 STMICROELECTRONICS-TDA7340 Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7340P STMICROELECTRONICS-TDA7340P Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
More results


Similar Description - TDA7343

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com