Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7343 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7343
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7343 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7343 Datasheet HTML 1Page - STMicroelectronics TDA7343 Datasheet HTML 2Page - STMicroelectronics TDA7343 Datasheet HTML 3Page - STMicroelectronics TDA7343 Datasheet HTML 4Page - STMicroelectronics TDA7343 Datasheet HTML 5Page - STMicroelectronics TDA7343 Datasheet HTML 6Page - STMicroelectronics TDA7343 Datasheet HTML 7Page - STMicroelectronics TDA7343 Datasheet HTML 8Page - STMicroelectronics TDA7343 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
DIP28
SO28
Unit
Rth j-amb
Thermal Resistance Junction-pins
85
65
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
6
9
10.2
V
VCL
Max. input signal handling
2.1
2.6
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.08
%
S/N
Signal to Noise Ratio
106
dB
SC
Channel Separation f = 1KHz
100
dB
Volume Control 0.3dB step
-59.7
20
dB
Treble Control 2dB step
-14
+14
dB
Bass Control 2dB step
-10
+18
dB
Fader and Balance Control 1.25dB step
-38.75
0
dB
Input Gain 3.75dB step
0
11.25
dB
Mute Attenuation
100
dB
IN(R)
OUT(R)
LOUD R
IN R2
IN R1
LOUD L
AM MONO
IN L2
IN L1
1
3
2
4
5
6
7
8
9
CSM
IN(L)
OUT(L)
BOUT(L)
BIN(L)
BIN(R)
BOUT(R)
SM
OUT RR
23
22
21
20
19
17
18
16
15
D94AU061B
10
11
12
13
14
28
27
26
25
24
CREF
VS
GND
L
R
OUT LR
OUT RF
OUT LF
SDA
SCL
TREBLE
BUS
INPUTS
BASS
PIN CONNECTION
TDA7343
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com