Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL202 Datasheet (PDF) - Vishay Siliconix

IL202 Datasheet PDF - Vishay Siliconix
Part # IL202
Download  IL202 Download
File Size   124.6 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection

IL202 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL202 Datasheet PDF - Vishay Siliconix

Part # IL202
Download  IL202 Click to download

File Size   124.6 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection

IL202 Datasheet (HTML) - Vishay Siliconix


IL202 Product details

DESCRIPTION

The IL201/IL202/IL203 are optically coupled pairs employing a gallium arsenide infrared LED and a silicon NPN

phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL201/IL202/IL203 can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CRT modulation.



FEATURES

• Guaranteed at IF= 1.0 mA

• High collector emitter voltage, BVCEO= 70 V

• Long term stability

• Industry standard DIP package

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - IL202

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL202 SIEMENS-IL202 Datasheet
69Kb / 3P
PHOTOTRANSISTOR OPTOCOUPLER
More results


Similar Description - IL202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
14-Jan-08
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
20-Apr-04
VO215AT VISHAY-VO215AT Datasheet
130Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
02-Dec-08
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
08-May-08
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
Optocoupler, Low Input Current, Phototransistor Output
18-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com