Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494S Datasheet (PDF) - STMicroelectronics

TDA7494S Datasheet PDF - STMicroelectronics
Part # TDA7494S
Download  TDA7494S Download
File Size   181.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W AMPLIFIER

TDA7494S Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7494S Datasheet PDF - STMicroelectronics

Part # TDA7494S
Download  TDA7494S Click to download

File Size   181.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10W AMPLIFIER

TDA7494S Datasheet (HTML) - STMicroelectronics


TDA7494S Product details

DESCRIPTION

The TDA7496SA is a stereo 5+5W class AB power amplifier assembled i the @Clipwatt 15 package, specially designed for high quality sound TV applications.

Features of the TDA7496SA include linear volume control Stand-by and Mute functions. The TDA7496SA is pin to pin compatible with TDA7496, TDA7496S, TDA7496SA, TDA7495, TDA7495SA, TDA7494S, TDA7494SA.



■ 5+5W OUTPUT POWER

   RL = 8Ω @THD = 10% VCC = 22V

■ ST-BY AND MUTE FUNCTIONS

■ LOW TURN-ON TURN-OFF POP NOISE

■ LINEAR VOLUME CONTROL DC COUPLED WITH POWER OP. AMP.

■ NO BOUCHEROT CELL

■ NO ST_BY RC INPUT NETWORK

■ SINGLE SUPPLY RANGING UP TO 35V

■ SHORT CIRCUIT PROTECTION

■ THERMAL OVERLOAD PROTECTION

■ INTERNALLY FIXED GAIN

■ SOFT CLIPPING

■ VARIABLE OUTPUT AFTER VOLUME CONTROL CIRCUIT

■ CLIPWATT 15 PACKAGE



 




Similar Part No. - TDA7494S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7494SA STMICROELECTRONICS-TDA7494SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
More results


Similar Description - TDA7494S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com