Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7494S Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7494S
Description  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7494S Datasheet HTML 1Page - STMicroelectronics TDA7494S Datasheet HTML 2Page - STMicroelectronics TDA7494S Datasheet HTML 3Page - STMicroelectronics TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
40
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 70°C)
16
W
Tamb
Ambient Operating Temperature Range (1)
-20 to +85
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
(1) Operation between -20 to 85 °C guaranteed by correlation with 0 to 70°C.
(2) Pin 3 is ESD sensitive (max. voltage
±1.5KV)
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ = 3.8
Max = 4.8
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max
35
°C/W
1
2
3
4
5
6
7
9
10
11
8
N.C.
MUTE
STAND-BY
SGN GND
SVR
N.C.
N.C.
N.C.
N.C.
N.C.
IN 1
13
14
15
12
PWR GND
OUT
+VCC
N.C.
D99AU1014
PIN CONNECTION
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS = 21V, RL = 8
Ω; Rg = 50Ω;
Tamb = 25°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
11
35
V
Iq
Total Quiescent Current
22
50
mA
DCVOS
Output DC Offset Referred to
SVR Potential
No Input Signal
-550
550
mV
VO
Quiescent Output Voltage
VS = 18V
7.8
9
10.2
V
PO
Output Power
THD = 10%; VCC = 28V, RL = 8
THD = 1%; VCC = 28V
8
6
10
8
W
THD = 10%; VCC = 21V,
THD = 1%; VCC = 21V,
5
3.5
5.5
4
W
THD = 10%; VCC = 21V, RL = 4
THD = 1%; VCC = 21V,
5
3.9
6.6
5.5
W
THD = 10%; VCC = 18V,
THD = 1%; VCC = 18V
4.5
3.5
6
4.5
W
THD = 10%; VCC = 18V, RL = 8
THD = 1%; VCC = 18V
3.5
2.2
3.75
2.85
W
W
TDA7494S
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com