Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52742ASP Datasheet (PDF) - Renesas Technology Corp

M52742ASP Datasheet PDF - Renesas Technology Corp
Part # M52742ASP
Download  M52742ASP Download
File Size   377.9 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BUS Controlled 3-Channel Video Preamp for CRT Display Monitor

M52742ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52742ASP Datasheet PDF - Renesas Technology Corp

Part # M52742ASP
Download  M52742ASP Click to download

File Size   377.9 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BUS Controlled 3-Channel Video Preamp for CRT Display Monitor

M52742ASP Datasheet (HTML) - Renesas Technology Corp


M52742ASP Product details

Description
M52742ASP is semiconductor integrated circuit for CRT display monitor.
It includes OSD blanking, OSD mixing, retrace blanking, wide band amplifier, brightness control, uniformity function.
Main/sub contrast and OSD adjust function can be controlled by I2C BUS.

Features
• Frequency band width: RGB 200 MHz (at −3 dB)
                                        OSD 80 MHz
    Input: RGB 0.7 VP-P (typ.)
              OSD 3 VP-P min. (positive)
              BLK (for OSD) 3 VP-P min. (positive)
              Retrace BLK 3 VP-P min. (positive)
    Output: RGB 5.5 VP-P (max.)
                 OSD 5 VP-P (max.)
• Main contrast and sub contrast can be controlled by I2C BUS.
• Include internal and external pedestal clamp circuit.

Application
    CRT display monitor




Similar Part No. - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
More results


Similar Description - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
UNIFORMITY FOR CRT DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
Uniformity for CRT Display Monitor
Mar 31, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com