Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61301SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M61301SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M61301SP
Download  M61301SP Download
File Size   293.43 Kbytes
Page   25 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR

M61301SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61301SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M61301SP
Download  M61301SP Click to download

File Size   293.43 Kbytes
Page   25 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR

M61301SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M61301SP Product details

DISCRIPTION
M61301SP is Semiconductor Integrated Circuit for CRT Display Monitor.
It includes OSD Blanking,OSD Mixing,Retrace Blanking,Wide Band Amplifre,Brightness Control. Main/Sub Contrast and OSD AdjustFunction can be controlled by I2C Bus.

FEATURES
• Frequency Band Width: RGB 150 MHz (at -3dB) OSD 80 MHz
    Input : RGB 0.7 Vp-p (Typ)
        OSD light 4 Vp-p minimum (positive)
        OSD harf 2.5Vp-p minimum (positive) 3.0Vp-p maximum (positive)
        BLK(for OSD) 3 Vp-p minimum (positive)
        Retrace BLK 3 Vp-p minimum (positive)
    Output : RGB 5.5 Vp-p (maximum)
        OSD 5 Vp-p (maximum)
• Main Contrast and Sub Contrast can be controlled by I2C Bus.
• Video response can be controlled by I2C Bus.

APPLICATION
    CRT Display Monitor




Similar Part No. - M61301SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
IIC BUS controled 3channel video pre-amplifier for LCD display monitor
logo
Renesas Technology Corp
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
More results


Similar Description - M61301SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com