Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61301SP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M61301SP
Description  BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61301SP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M61301SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MITSUBISHI< LINEAR IC >
M61301SP
MITSUBISHI
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
25
2
Absolute Maximum Rating (Ambient temperature: 25 C)
0
2000
1600
1200
800
400
-20
25
50
75
100
125
150
2400
2800
2358
1415
Thermal Derating Curve
Ambient temperature Ta( C)
attached
board
-20~ +75
Vcc12
Pd
Topr
Tstg
Vopr 12
Vopr' 12
jc
13.0
2358
-40~ +150
12.0
10.5~12.5 ( Typ 12.0V )
28
V
mW
C
C
V
V
C/W
Supply voltage 12
Ambient temperature
Storage temperature
Recommended supply 12
Case temperature
Power dissipation
voltage range 12
Parameter
Symbol
Rating
Unit
Supply voltage 5
Vcc 5
6.0
V
Recommended supply
5
Vopr 5
5.0
Vopr' 5
4.5~5.5 ( Typ 5.0V )
V
voltage range 5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com