Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61301SP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M61301SP
Description  BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61301SP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M61301SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MITSUBISHI< LINEAR IC >
M61301SP
MITSUBISHI
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
25
Note31) First, SG3 to 1MHz is as input signal. Input a resister that is about 2K
to offer the voltage at input
pins(6,9,11) in order that the bottom of input signal is 2.5V.
Control the main contrast in order that the amplitude of sine wave output is 4.0Vp-p.
Control the brightness in order that the bottom of sine wave output is 2.0Vp-p.
By the same way, measure the output amplitude when SG3 to 50MHz is as input signal.
The measured value is called VOUT(24,28,31).
Frequency characteristics FC1(24,28,31) is calculated by the equation below:
Note32) Relative characteristics
FC1 is calculated by the difference in the output between the channels.
Note33) Measuring condition and procedure are the same as described in Note31,expect SG3 to 150MHz.
Note34) Relative characteristics
FC1' is calculated by the difference in the output between the channels.
Note35) SG3 to 1MHz is as input signal. Control the main contrast in order that the amplitude of sine wave
output is 1.0Vp-p.
By the same way, measure the output amplitude when SG3 to150MHz is as input signal.
The measured value is called VOUT(24,28,31).
Frequency characteristics FC2(24,28,31) is calculated by the equation below:
Note36) Relative characteristics
FC2 is calculated by the difference in the output between the channels.
Note37) Input SG3 (50MHz) to pin2 only, and then measure the waveform amplitude output at
OUT(24,28,31).The measured value is called VOUT(24,28,31).
Crosstalk CT1 is calculated by the equation below:
Note38) Measuring condition and procedure are the same as described in Note37,expect SG3 to 150MHz.
Note39) Input SG3 (50MHz) to pin6 only, and then measure the waveform amplitude output at
OUT(24,28,31).The measured value is called VOUT(24,28,31).
Crosstalk CT2 is calculated by the equation below:
Note40) Measuring condition and procedure are the same as described in Note39,expect SG3 to 150MHz.
Note41) Input SG3 (50MHz) to pin11 only, and then measure the waveform amplitude output at
OUT(24,28,31).The measured value is called VOUT(24,28,31).
Crosstalk CT2 is calculated by the equation below:
Note42) Measuring condition and procedure are the same as described in Note41,expect SG3 to 150MHz.
13
VOUT(24,28)
CT1=20 LOG
(dB)
VOUT(31)
VOUT(24,31)
CT2=20 LOG
(dB)
VOUT(28)
VOUT(28,31)
CT3=20 LOG
(dB)
VOUT(24)
VOUT Vp-p
FC1=20 LOG
(dB)
output amplitude when inputed SG3(1MHz) : 4.0Vp-p
VOUT Vp-p
FC2=20 LOG
(dB)
output amplitude when inputed SG3(1MHz) : 4.0Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com