Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61301SP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M61301SP
Description  BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61301SP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M61301SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MITSUBISHI< LINEAR IC >
M61301SP
MITSUBISHI
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
25
3V
20
2K
50K
20
SCL
3V
21
2K
50K
21
SDA
21
SCL of I C BUS
(Serial clock line)
VTH=2.3V
SDA of I C BUS
(Serial data line)
VTH=2.3V
2
2
No.
Name
peripheral Circuit
Remark
DC
Voltage
(V)
ABL IN
2.5V
0.5mA
1.2K
1.2K
30K
20K
15
ABL(Automatic Beam Limitter)
input pin.
Recommended voltage range
is 0 to 5V.
When ABL function is not used,
set to 5V.
When
open
2.5V
18
22
Retrace BLK IN
2.25V
50K
R
G
B
22
Input pulses
0.5V
Connected to GND if not
used.
maximum
2.5~5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com