Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62002L Datasheet (PDF) - Renesas Technology Corp

M62002L Datasheet PDF - Renesas Technology Corp
Part # M62002L
Download  M62002L Download
File Size   118.0 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 2 Output System Reset IC Series

M62002L Datasheet (PDF)

Go To PDF Page Download Datasheet
M62002L Datasheet PDF - Renesas Technology Corp

Part # M62002L
Download  M62002L Click to download

File Size   118.0 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 2 Output System Reset IC Series

M62002L Datasheet (HTML) - Renesas Technology Corp


M62002L Product details

Description
The M62001 to M62008 are semiconductor integrated circuits whose optimum use is for the detection of the rise and fall in the power supply to a microcomputer system in order to reset or release the microcomputer system.

Features
• Bi-CMOS process realizes a configuration of low current dissipating circuits.
   Circuit current
      ICC = 5 µA (Typ, normal mode, VCC = 5.0 V)
      ICC = 1 µA (Typ, backup mode, VCC = 2.5 V)
• Two-step detection of supply voltage
   Detection voltage in normal mode (2 types)
      VS = 4.45 V/4.25 V (Typ)
   Detection voltage in backup mode
      VBATT = 2.15 V (Typ)
• Two outputs
   Reset output (RESET): output of compulsive reset signal
   Interruption output (INT): output of interruption signal
• Two types of output forms: CMOS and open drain
• Two types of interruption output (INT) signals
   Pulse type (M62001 to M62004)
   Hold type (M62005 to M62008)
• Two types of outline packages
   5-pin plastic SIP (single in-line package)
   8-pin plastic SOP (mini flat package)
• Output based on RAM backup mode (see the timing chart)

Application
• Prevention of errors in microcomputer system in electronic equipment that requires RAM backup, such as office, industrial, and home-use equipment.




Similar Part No. - M62002L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62002L MITSUBISHI-M62002L Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
More results


Similar Description - M62002L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
Low Power 2 Output System Reset IC with External Input
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
Low Power 2 Output System Reset IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com