Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62222L Datasheet (PDF) - Renesas Technology Corp

M62222L Datasheet PDF - Renesas Technology Corp
Part # M62222L
Download  M62222L Download
File Size   167.43 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.7 V Fixed Output Voltage DC/DC Converter

M62222L Datasheet (PDF)

Go To PDF Page Download Datasheet
M62222L Datasheet PDF - Renesas Technology Corp

Part # M62222L
Download  M62222L Click to download

File Size   167.43 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.7 V Fixed Output Voltage DC/DC Converter

M62222L Datasheet (HTML) - Renesas Technology Corp


M62222L Product details

General Description
M62222 is a general purpose DC/DC converter which provides a 2.7 V fixed output voltage.
It is possible to simplify the peripheral circuit and to design compact and low cost sets because this IC, housed in a small 5 or 8-pin package includes necessary peripheral components.
Especially this is most suitable for CD-ROM, Disk Drive sets and PDA as a converter from 5 V to 2.7 V.

Features
• Wide operation supply voltage range…... 4 to 15 V
• Low power consumption……………….. 900 µA (max.)
• Built-in oscillator without external components (110 kHz typ.)
• Built-in over current protection circuit
• Small 5-pin SIP and 8-pin SOP packages

Applications
   CD-ROM, PDA, general purpose electric products




Similar Part No. - M62222L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62222L MITSUBISHI-M62222L Datasheet
25Kb / 3P
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Similar Description - M62222L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62222L MITSUBISHI-M62222L Datasheet
25Kb / 3P
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
3.3 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
5.0 V Fixed Output Voltage DC/DC Converter
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
M62293FP RENESAS-M62293FP Datasheet
115Kb / 7P
3.3 V, 2.5 V Fixed 2-Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
3.0 V Fixed Output Voltage DC/DC Converter
M62294FP RENESAS-M62294FP Datasheet
76Kb / 7P
3.3 V, 2.0 V Fixed 2-Output Voltage DC/DC Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com