Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62293FP Datasheet (PDF) - Renesas Technology Corp

M62293FP Datasheet PDF - Renesas Technology Corp
Part # M62293FP
Download  M62293FP Download
File Size   115.56 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V, 2.5 V Fixed 2-Output Voltage DC/DC Converter

M62293FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62293FP Datasheet PDF - Renesas Technology Corp

Part # M62293FP
Download  M62293FP Click to download

File Size   115.56 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V, 2.5 V Fixed 2-Output Voltage DC/DC Converter

M62293FP Datasheet (HTML) - Renesas Technology Corp


M62293FP Product details

Description
M62293FP is 3.3 V and 2.5 V fixed stable 2-output step-down DC/DC converter.
It is possible to simplify peripheral circuit and to design compact and low cost sets because this device includes peripheral devices in small size 8-pin package.
The IC also has Reset circuit with time delay that monitors power supply (VCC = 5 V) and one regulator output (Vout1 = 3.3 V; IN1 terminal), therefore an application system is protected system errors.
Especially this is most suitable for application system with microprocessor and ASIC.

Features
• 3.3 V and 2.5 V step-down converter
• 4 to 15 V wide input supply voltage (VCC = 5 V typ.)
• Reset circuit with time delay monitors
• Supply voltage (VCC = 5 V) and regulator output (3.3 V)
• 110 kHz fixed frequency oscillator without peripheral devices
• 8-pin SOP package

Application
    Application system with microprocessor and ASIC




Similar Part No. - M62293FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62290 MITSUBISHI-M62290 Datasheet
56Kb / 7P
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290FP MITSUBISHI-M62290FP Datasheet
56Kb / 7P
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62290FP RENESAS-M62290FP Datasheet
141Kb / 11P
5.0 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62290L RENESAS-M62290L Datasheet
141Kb / 11P
5.0 V Fixed Output Voltage DC/DC Converter
More results


Similar Description - M62293FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Renesas Technology Corp
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
3.3 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
5.0 V Fixed Output Voltage DC/DC Converter
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
3.0 V Fixed Output Voltage DC/DC Converter
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
2.7 V Fixed Output Voltage DC/DC Converter
M62294FP RENESAS-M62294FP Datasheet
76Kb / 7P
3.3 V, 2.0 V Fixed 2-Output Voltage DC/DC Converter
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com