Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1108 Datasheet (PDF) - Analog Devices

ADP1108 Datasheet PDF - Analog Devices
Part # ADP1108
Download  ADP1108 Download
File Size   234.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V

ADP1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1108 Datasheet PDF - Analog Devices

Part # ADP1108
Download  ADP1108 Click to download

File Size   234.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V

ADP1108 Datasheet (HTML) - Analog Devices


ADP1108 Product details

GENERAL DESCRIPTION
The ADP1108 is a highly versatile micropower switch-mode dc-dc converter that operates from an input voltage supply as low as 2.0 V and typically starts up from 1.8 V.

FEATURES
    Operates at Supply Voltages From 2.0 V to 30 V
    Consumes Only 110 mA Supply Current
    Step-Up or Step-Down Mode Operation
    Minimum External Components Required
    Low Battery Detector Comparator On-Chip
    User-Adjustable Current Limit
    Internal 1 A Power Switch
    Fixed or Adjustable Output Voltage Versions
    8-Pin DIP or SO-8 Package

APPLICATIONS
    Notebook/Palm Top Computers
    3 V to 5 V, 5 V to 12 V Converters
    9 V to 5 V, 12 V to 5 V Converters
    LCD Bias Generators
    Peripherals and Add-On Cards
    Battery Backup Supplies
    Cellular Telephones
    Portable Instruments




Similar Part No. - ADP1108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Similar Description - ADP1108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com