Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1109 Datasheet (PDF) - Analog Devices

ADP1109 Datasheet PDF - Analog Devices
Part # ADP1109
Download  ADP1109 Download
File Size   131.9 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter

ADP1109 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1109 Datasheet PDF - Analog Devices

Part # ADP1109
Download  ADP1109 Click to download

File Size   131.9 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter

ADP1109 Datasheet (HTML) - Analog Devices


ADP1109 Product details

GENERAL DESCRIPTION
The ADP1109 is a versatile step-up switching regulator. The device requires only minimal external components to operate as a complete switching regulator.

FEATURES
    Operates at Supply Voltages 2 V to 12 V
    Fixed 3.3 V, 5 V, 12 V and Adjustable Output
    Minimum External Components Required
    Ground Current: 320 mA
    Oscillator Frequency: 120 kHz
    Logic Shutdown
    8-Lead DIP and SO-8 Packages

APPLICATIONS
    Cellular Telephones
    Single-Cell to 5 V Converters
    Laptop and Palmtop Computers
    Pagers
    Cameras
    Battery Backup Supplies
    Portable Instruments
    Laser Diode Drivers
    Hand-Held Inventory Computers




Similar Part No. - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN AD-ADP1109AAN Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-12 AD-ADP1109AAN-12 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-33 AD-ADP1109AAN-33 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-5 AD-ADP1109AAN-5 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
More results


Similar Description - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
logo
Linear Technology
LT1109 LINER-LT1109_15 Datasheet
195Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com