Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1109 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1109
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109 Datasheet(HTML) 1 Page - Analog Devices

  ADP1109 Datasheet HTML 1Page - Analog Devices ADP1109 Datasheet HTML 2Page - Analog Devices ADP1109 Datasheet HTML 3Page - Analog Devices ADP1109 Datasheet HTML 4Page - Analog Devices ADP1109 Datasheet HTML 5Page - Analog Devices ADP1109 Datasheet HTML 6Page - Analog Devices ADP1109 Datasheet HTML 7Page - Analog Devices ADP1109 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1109
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Micropower Low Cost
Fixed 3.3 V, 5 V, 12 V and Adjustable
DC-to-DC Converter
FUNCTIONAL BLOCK DIAGRAMS
DRIVER
SW
VIN
GND
COMPARATOR
A1
R1
SENSE
R2
250k
SHUTDOWN
+
ADP1109-3.3: R1 = 152k
ADP1109-5:
R1 = 83k
ADP1109-12: R1 = 29k
Q1
120kHz
OSCILLATOR
1.25V
REFERENCE
Fixed Output
DRIVER
SW
VIN
GND
COMPARATOR
A1
FB
SHUTDOWN
+
ADP1109
Q1
120kHz
OSCILLATOR
1.25V
REFERENCE
Adjustable Output
FEATURES
Operates at Supply Voltages 2 V to 12 V
Fixed 3.3 V, 5 V, 12 V and Adjustable Output
Minimum External Components Required
Ground Current: 320
A
Oscillator Frequency: 120 kHz
Logic Shutdown
8-Lead DIP and SO-8 Packages
APPLICATIONS
Cellular Telephones
Single-Cell to 5 V Converters
Laptop and Palmtop Computers
Pagers
Cameras
Battery Backup Supplies
Portable Instruments
Laser Diode Drivers
Hand-Held Inventory Computers
GENERAL DESCRIPTION
The ADP1109 is a versatile step-up switching regulator. The
device requires only minimal external components to operate as
a complete switching regulator.
The ADP1109-5 can deliver 100 mA at 5 V from a 3 V input
and the ADP1109-12 can deliver 60 mA at 12 V from a 5 V
input. The device also features a logic controlled shutdown
capability that, when a logic low is applied, will shut down the
oscillator.
The 120 kHz operating frequency allows for the use of small
surface mount components. The gated oscillator capability
eliminates the need for frequency compensation.
TYPICAL APPLICATION
SW
GND
ADP1109-12
+
D1
C1
22 F
16V
SENSE
L1
33 H
VIN
5V
VIN
SHUTDOWN
SHUTDOWN/PROGRAM
VOUT
12V
60mA
Flash Memory VPP Generator


Similar Part No. - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN AD-ADP1109AAN Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-12 AD-ADP1109AAN-12 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-33 AD-ADP1109AAN-33 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109AAN-5 AD-ADP1109AAN-5 Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
More results

Similar Description - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
logo
Linear Technology
LT1109 LINER-LT1109_15 Datasheet
195Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com