Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1108 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1108
Description  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1108 Datasheet(HTML) 1 Page - Analog Devices

  ADP1108 Datasheet HTML 1Page - Analog Devices ADP1108 Datasheet HTML 2Page - Analog Devices ADP1108 Datasheet HTML 3Page - Analog Devices ADP1108 Datasheet HTML 4Page - Analog Devices ADP1108 Datasheet HTML 5Page - Analog Devices ADP1108 Datasheet HTML 6Page - Analog Devices ADP1108 Datasheet HTML 7Page - Analog Devices ADP1108 Datasheet HTML 8Page - Analog Devices ADP1108 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Micropower DC-DC Converter
Adjustable and Fixed 3.3 V, 5 V, 12 V
ADP1108
FUNCTIONAL BLOCK DIAGRAMS
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
FB
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
1.245V
REFERENCE
ADP1108
SET
VIN
GAIN BLOCK/
ERROR AMP
COMPARATOR
SW2
SENSE
GND
SW1
AO
ILIM
OSCILLATOR
DRIVER
A1
A2
1.245V
REFERENCE
ADP1108-3.3
ADP1108-5
ADP1108-12
R2
753k
R1
ADP1108-3.3: R1 = 456k
ADP1108-5: R1 = 250k
ADP1108-12: R1 = 87.4k
GENERAL DESCRIPTION
The ADP1108 is a highly versatile micropower switch-mode
dc-dc converter that operates from an input voltage supply as
low as 2.0 V and typically starts up from 1.8 V.
The ADP1108 can be programmed into a step-up or step-down
dc-to-dc converter with only three external components. The
fixed outputs are 3.3 V, 5 V and 12 V. An adjustable version is
also available. In step-up mode, supply voltage range is 2.0 V to
12 V, and 30 V in step-down mode. The ADP1108 can deliver
150 mA at 5 V from a 2 AA cell input and 300 mA at 5 V from
a 9 V input in step-down mode. Switch current limit can be
programmed with a single resistor.
For battery operated and power conscious applications, the
ADP1108 offers a very low power consumption of less than
110
µA.
The auxiliary gain block available in ADP1108 can be used
as a low battery detector, linear post regulator, under voltage
lockout circuit or error amplifier.
FEATURES
Operates at Supply Voltages From 2.0 V to 30 V
Consumes Only 110
A Supply Current
Step-Up or Step-Down Mode Operation
Minimum External Components Required
Low Battery Detector Comparator On-Chip
User-Adjustable Current Limit
Internal 1 A Power Switch
Fixed or Adjustable Output Voltage Versions
8-Pin DIP or SO-8 Package
APPLICATIONS
Notebook/Palm Top Computers
3 V to 5 V, 5 V to 12 V Converters
9 V to 5 V, 12 V to 5 V Converters
LCD Bias Generators
Peripherals and Add-On Cards
Battery Backup Supplies
Cellular Telephones
Portable Instruments
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - ADP1108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Similar Description - ADP1108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com