Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301FP Datasheet (PDF) - Renesas Technology Corp

M62301FP Datasheet PDF - Renesas Technology Corp
Part # M62301FP
Download  M62301FP Download
File Size   157.01 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10 to 12-bit 4-ch Integrating A/D Converter

M62301FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62301FP Datasheet PDF - Renesas Technology Corp

Part # M62301FP
Download  M62301FP Click to download

File Size   157.01 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10 to 12-bit 4-ch Integrating A/D Converter

M62301FP Datasheet (HTML) - Renesas Technology Corp


M62301FP Product details

Description

M62301 semiconductor integrated circuit forms an integrating A/D converter, being connected to a microcomputer unit. By using selection signals and counter clock signals from the unit, a 10 to 12-bit A/D converter can be created at a low cost.

The integration time and resolution can be set at the users option by changing external parameters. In addition, the built-in circuit offset, delay time and temperature fluctuation are adjustable, enabling a wide range of applications. M62301 has a 3 input decoder circuit, high-precision reference voltage (1.22 V) generator, current supply and comparator for integration, and voltage-monitoring reset circuit for a 5 V power supply. It is also equipped with girdling to prevent current leak from integration capacitor.



Features

• Separate power supplies for analog section and digital section.

• Low power dissipation: 2 mA (Typ)

   (1 mA for A/D conversion and the other 1 mA for reset)

• Linear error: ±0.02% (Typ)

• Conversion time: 526 µs/ch (Typ)

• Built-in system reset: 4.45 V (Typ)



Application

  High-precision control systems such as temperature control and speed control



 




Similar Part No. - M62301FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62301FP MITSUBISHI-M62301FP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
More results


Similar Description - M62301FP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
Programmable Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
Programmable Integrating A/D Converter
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com