Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62301FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62301FP
Description  10 to 12-bit 4-ch Integrating A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62301FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62301FP Datasheet HTML 1Page - Renesas Technology Corp M62301FP Datasheet HTML 2Page - Renesas Technology Corp M62301FP Datasheet HTML 3Page - Renesas Technology Corp M62301FP Datasheet HTML 4Page - Renesas Technology Corp M62301FP Datasheet HTML 5Page - Renesas Technology Corp M62301FP Datasheet HTML 6Page - Renesas Technology Corp M62301FP Datasheet HTML 7Page - Renesas Technology Corp M62301FP Datasheet HTML 8Page - Renesas Technology Corp M62301FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M62301SP/FP
REJ03D0861-0300 Rev.3.00 Mar 25, 2008
Page 2 of 11
Pin Arrangement
4
1
2
3
5
17
20
19
18
16
6
7
15
14
8
13
9
12
10
11
Outline: PRDP0020BA-A (20P4B)
PRSP0020DA-A (20P2N-A)
M62301SP/FP
(Top view)
VCC for RESET
C0
C1
C2
INT
RESET
Guard ring 1
Integrating capacitor
Guard ring 2
Analog GND
Digital GND
A1
A2
A3
A4
Reference input
Digital VDD
Reference voltage
Constant current control
Analog VCC
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Analog section supply voltage
VCC
15
V
Digital section supply voltage
VDD
8
V
Digital input voltage
VID
–0.3 to VDD + 0.3
V
Analog input voltage
VIA
–0.3 to VDD + 0.3
V
INT output current
IOINT
6
mA
Reset output current
IORE
6
mA
INT output withstand voltage
VINT
15
V
Reset output withstand voltage
VRESET
15
V
Reset supply voltage
VRE
6
V
Power dissipation
Pd
990 (P) / 660 (FP)
mW
Thermal derating
K
θ
9.9 (P) / 6.6 (FP)
mW/
°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com