Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9113 Datasheet (PDF) - STMicroelectronics

TDA9113 Datasheet PDF - STMicroelectronics
Part # TDA9113
Download  TDA9113 Download
File Size   582.57 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR

TDA9113 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9113 Datasheet PDF - STMicroelectronics

Part # TDA9113
Download  TDA9113 Click to download

File Size   582.57 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR

TDA9113 Datasheet (HTML) - STMicroelectronics


TDA9113 Product details

DESCRIPTION
The TDA9113 is a monolithic integrated circuit as sembled in a 32-pin shrink dual-in-line plastic package. This IC controls all the functions related to horizontal and vertical deflection in multimode or multi-frequency computer display monitors.
The internal sync processor, combined with the powerful geometry correction block, makes the TDA9113 suitable for very high performance monitors, using few external components.
Combined with other ST components dedicated for CRT monitors (microcontroller, video preamplifier, video amplifier, OSD controller) the TDA9113 allows fully I2C bus-controlled computer display monitors to be built with a reduced number of external components.

FEATURES
General
■ ADVANCED I2C BUS CONTROLLED
   DEFLECTION PROCESSOR DEDICATED FOR HIGH-END CRT MONITORS
■ SINGLE SUPPLY VOLTAGE 12V
■ VERY LOW JITTER
■ DC/DC CONVERTER CONTROLLER
■ ADVANCED EW DRIVE
■ ADVANCED ASYMMETRY CORRECTIONS
■ AUTOMATIC MULTISTANDARD SYNCHRONIZATION
■ 2 DYNAMIC CORRECTION WAVEFORM OUTPUTS
■ X-RAY PROTECTION AND SOFT-START &
   STOP ON HORIZONTAL AND DC/DC DRIVE OUTPUTS
■ I2C BUS STATUS REGISTER

Horizontal section
■ 150 kHz maximum frequency
■ Corrections of geometric asymmetry:
   Pin cushion asymmetry, Parallelogram
■ Tracking of asymmetry corrections with vertical size and position
■ Fully integrated horizontal moiré cancellation

Vertical section
■ 200 Hz maximum frequency
■ Vertical ramp for DC-coupled output stage with
   adjustments of: C-correction, S-correction for
   super-flat CRT, Vertical size, Vertical position
■ Vertical moiré cancellation through vertical ramp waveform
■ Compensation of vertical breathing with EHT variation

EW section
■ Symmetrical geometry corrections: Pin cushion,
   Keystone, Top/Bottom corners separately
■ Horizontal size adjustment
■ Tracking of EW waveform with Vertical size and
   position and adaptation to frequency
■ Compensation of horizontal breathing through
   EW waveform

Dynamic correction section
■ Generates waveforms for dynamic corrections
   like focus, brightness uniformity, ...
■ 1 output with vertical dynamic correction
   waveform
■ 1 output with horizontal dynamic correction
   waveform
■ Fixed on screen by means of tracking system

DC/DC controller section
■ Step-up and step-down conversion modes
■ External sawtooth configuration
■ Bus-controlled output voltage
■ Synchronization on hor. frequency with phase
   selection
■ Selectable polarity of drive signal




Similar Part No. - TDA9113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
More results


Similar Description - TDA9113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Apr-2000
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com