Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6886 Datasheet (PDF) - STMicroelectronics

STV6886 Datasheet PDF - STMicroelectronics
Part # STV6886
Download  STV6886 Download
File Size   486.67 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR

STV6886 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV6886 Datasheet PDF - STMicroelectronics

Part # STV6886
Download  STV6886 Click to download

File Size   486.67 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR

STV6886 Datasheet (HTML) - STMicroelectronics


STV6886 Product details

DESCRIPTION
The STV6886 is a monolithic integrated circuit assembled in a 32-pin shrink dual-in-line plastic package. This IC controls all the functions related to horizontal and vertical deflection in multimode or multi-frequency computer display monitors.

FEATURES
General
■ SYNC PROCESSOR (separate or composite)
■ 12V SUPPLY VOLTAGE
■ 8V REFERENCE VOLTAGE
■ HOR. LOCK/UNLOCK OUTPUT
■ HOR. & VERT. LOCK/UNLOCK INDICATION
■ READ/WRITE I2C INTERFACE
■ HORIZONTAL AND VERTICAL MOIRE
■ B+ REGULATOR
   - Internal PWM generator for B+ current mode step-up converter
   - Switchable to step-down converter
   - I2C-adjustable B+ reference voltage
   - Output pulses synchronized on horizontal frequency
   - Internal maximum current limitation.

Horizontal
■ Self-adaptative
■ Dual PLL concept
■ 80kHz maximum frequency
■ X-ray protection input
■ I2C controls: Horizontal duty-cycle, H-position, horizontal size amplitude

Vertical
■ Vertical ramp generator
■ 50 to 120 Hz agc loop
■ Geometry tracking with VPOS & VAMP
■ I2C controls:VAMP, VPOS, S-CORR, C-CORR
■ Vertical breathing compensation

I2C Geometry Corrections
■ Vertical parabola generator (Pin Cushion - E/W, Keystone, Corner Correction)
■ Horizontal dynamic phase (Side Pin Balance & Parallelogram)
■ Horizontal and vertical dynamic focus (Horizontal Focus Amplitude, Horizontal Focus Symmetry, Vertical Focus Amplitude)




Similar Part No. - STV6886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV6889 STMICROELECTRONICS-STV6889 Datasheet
1Mb / 56P
HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-2004
More results


Similar Description - STV6886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com