Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6886 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6886 Datasheet HTML 1Page - STMicroelectronics STV6886 Datasheet HTML 2Page - STMicroelectronics STV6886 Datasheet HTML 3Page - STMicroelectronics STV6886 Datasheet HTML 4Page - STMicroelectronics STV6886 Datasheet HTML 5Page - STMicroelectronics STV6886 Datasheet HTML 6Page - STMicroelectronics STV6886 Datasheet HTML 7Page - STMicroelectronics STV6886 Datasheet HTML 8Page - STMicroelectronics STV6886 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Version 4.2
April 2000
1/43
STV6886
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR
FOR MULTISYNC MONITOR
FEATURES
General
s
SYNC PROCESSOR (separate or composite)
s
12V SUPPLY VOLTAGE
s
8V REFERENCE VOLTAGE
s
HOR. LOCK/UNLOCK OUTPUT
s
HOR. & VERT. LOCK/UNLOCK INDICATION
s
READ/WRITE I2C INTERFACE
s
HORIZONTAL AND VERTICAL MOIRE
s
B+ REGULATOR
- Internal PWM generator for B+ current mode
step-up converter
- Switchable to step-down converter
-I2C-adjustable B+ reference voltage
- Output pulses synchronized on horizontal
frequency
- Internal maximum current limitation.
Horizontal
s
Self-adaptative
s
Dual PLL concept
s
80kHz maximum frequency
s
X-ray protection input
s
I2C controls: Horizontal duty-cycle, H-position,
horizontal size amplitude
Vertical
s
Vertical ramp generator
s
50 to 120 Hz agc loop
s
Geometry tracking with VPOS & VAMP
s
I2C controls:VAMP, VPOS, S-CORR, C-CORR
s
Vertical breathing compensation
I
2C Geometry Corrections
s
Vertical parabola generator (Pin Cushion - E/W,
Keystone, Corner Correction)
s
Horizontal dynamic phase
(Side Pin Balance & Parallelogram)
s
Horizontal
and
vertical
dynamic
focus
(Horizontal Focus Amplitude, Horizontal Focus
Symmetry, Vertical Focus Amplitude)
DESCRIPTION
The STV6886 is a monolithic integrated circuit as-
sembled in a 32-pin shrink dual-in-line plastic
package. This IC controls all the functions related
to horizontal and vertical deflection in multimode
or multi-frequency computer display monitors.
The internal sync processor, combined with the
powerful geometry correction block, makes the
STV6886 suitable for very high performance mon-
itors, using few external components.
Combined with other ST components dedicated
for CRT monitors (microcontroller, video preampli-
fier, video amplifier, OSD controller) the STV6886
allows fully I2C bus-controlled computer display
monitors to be built with a reduced number of ex-
ternal components.
PIN CONNECTIONS
SHRINK32 (Plastic Package)
ORDER CODE: STV6886
H/HVIN
VSYNCIN
HMOIRE/HLOCK
PLL2C
C0
R0
PLL1F
HPOSITION
HFOCUSCAP
FOCUS-OUT
HGND
HFLY
HREF
COMP
REGIN
ISENSE
5V
SDA
SCL
VCC
BOUT
GND
HOUT
XRAY
EWOUT
VOUT
VCAP
VREF
VAGCCAP
VGND
VBREATH
B + GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
1


Similar Part No. - STV6886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV6889 STMICROELECTRONICS-STV6889 Datasheet
1Mb / 56P
HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-2004
More results

Similar Description - STV6886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com