Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6886 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6886 Datasheet HTML 9Page - STMicroelectronics STV6886 Datasheet HTML 10Page - STMicroelectronics STV6886 Datasheet HTML 11Page - STMicroelectronics STV6886 Datasheet HTML 12Page - STMicroelectronics STV6886 Datasheet HTML 13Page - STMicroelectronics STV6886 Datasheet HTML 14Page - STMicroelectronics STV6886 Datasheet HTML 15Page - STMicroelectronics STV6886 Datasheet HTML 16Page - STMicroelectronics STV6886 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
STV6886
13/43
Note: 16 These parameters are not tested on each unit. They are measured during our internal qualification procedure.
Note: 17 With Register 07 at Byte 0xxxxxxx (S correction inhibited) and Register 08 at Byte 0xxxxxxx (C correction
inhibited), the sawtooth has a linear shape.
MOIRE CANCELLATION SECTION
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Note: 18 TH is the horizontal period.
ASYMMETRIC CONTROL THROUGH INTERNAL DYNAMIC HORIZONTAL PHASE MODULATION (see Figur e 3)
SPBpara
Side Pin Balance Parabola Amplitude
(Figure 3) with :
-VAMP max.,
-VPOS typ.
-Parallelogram inhibited (17 & 18)
Subaddress 0D
Byte 11111111
Byte 10000000
+2.8
-2.8
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude
function of VAMP Control (tracking be-
tween VAMP and SPB) with:
-SPB max.,
-VPOS typ.
-Parallelogram inhibited (17 & 18)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
1
1.8
2.8
%TH
%TH
%TH
ParAdj
Parallelogram Adjustment Capability
with:
-VAMP max.,
-VPOS typ.
-SPB inhibited (17 & 18)
Subaddress 0E
Byte 11111111
Byte 11000000
+2.8
-2.8
%TH
%TH
Partrack
Intrinsic Parallelogram Function of VPOS
Control (tracking between VPOS and
DHPC) with :
-VAMP max.,
-SPB max.
-Parallelogram inhibited (17 & 18)
B/A Ratio
A/B Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.52
0.52
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
HORIZONTAL AND VERTICAL MOIRE
RMOIRE
Minimum Output Resistor to GND
Pin 3
4.7
k
Ω
DacOut
DC Voltage pin 3
DAC configuration
RMOIRE =4.7kΩ
sub-address 02
Byte 00000000
Byte 01000000
Byte 01111111
0.3
1.1
2.75
3
V
V
V
HMOIRE
Moiré pulse
(See also Hunlock in 1st PLL section)
H Frequency: Locked
RMOIRE =4.7kΩ
Sub-address 02
Byte 10000000
Byte 11000000
Byte 11111111
0
0.8
2.2
VPP
VPP
VPP
THMOIRE
Preferred Scanning/EHT structure
Sub-address II:
0xxx xxxx
1xxx xxxx
Separate
Combined
VMOIRE
Vertical Moiré
(measured on VOUT: Pin 23)
Sub-address 0C
Byte 11111111
3
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com